Part Number Hot Search : 
APED3 EBR5724S SC260C3 MUR460 10600 2020CT B12N03 2PB709AS
Product Description
Full Text Search
 

To Download MD80C51 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TSC80C31/80C51
CMOS 0 to 44 MHz Single-Chip 8 Bit Microcontroller
Description
The TSC80C31/80C51 is high performance SCMOS versions of the 8051 NMOS single chip 8 bit C. The fully static design of the TSC80C31/80C51 allows to reduce system power consumption by bringing the clock frequency down to any value, even DC, without loss of data. The TSC80C31/80C51 retains all the features of the 8051 : 4 K bytes of ROM ; 128 bytes of RAM ; 32 I/O lines ; two 16 bit timers ; a 5-source, 2-level interrupt structure ; a full duplex serial port ; and on-chip oscillator and clock circuits. In addition, the TSC80C31/80C51 has two software-selectable modes of reduced activity for further reduction in power consumption. In the Idle Mode the CPU is frozen while the RAM, the timers, the serial port, and the interrupt system continue to function. In the Power Down Mode the RAM is saved and all other functions are inoperative. The TSC80C31/80C51 is manufactured using SCMOS process which allows them to run from 0 up to 44 MHz with VCC = 5 V. The TSC80C31/80C51 is also available at 20 MHz with 2.7 V < Vcc < 5.5 V.
D TSC80C31/80C51-L16 : Low power version Vcc : 2.7-5.5 V Freq : 0-16 MHz D TSC80C31/80C51-L20 : Low power version Vcc : 2.7-5.5 V Freq : 0-20 MHz D TSC80C31/80C51-12 : 0 to 12 MHz D TSC80C31/80C51-20 : 0 to 20 MHz D TSC80C31/80C51-25 : 0 to 25 MHz
D D D D
TSC80C31/80C51-30 : 0 to 30 MHz TSC80C31/80C51-36 : 0 to 36 MHz TSC80C31/80C51-40 : 0 to 40 MHz TSC80C31/80C51-44 : 0 to 44 MHz*
* Commercial and Industrial temperature range only. For other speed and range please consult your sale office.
Features
D D D D D D D Power control modes 128 bytes of RAM 4 K bytes of ROM (TSC80C31/80C51) 32 programmable I/O lines Two 16 bit timer/counter 64 K program memory space 64 K data memory space D D D D D D Fully static design 0.8 m CMOS process Boolean processor 5 interrupt sources Programmable serial port Temperature range : commercial, industrial, automotive and military
Optional
D Secret ROM : Encryption D Secret TAG : Identification number
MATRA MHS Rev. E (14 Jan.97)
1
TSC80C31/80C51
Interface
Figure 1. Block Diagram
2
MATRA MHS Rev. E (14 Jan.97)
TSC80C31/80C51
Figure 2. Pin Configuration
P0.0/A0
P0.1/A1
P0.2/A2
P1.5 P1.6 P1.7 RST
P0.3/A3
VCC
P1.4
P1.3
P1.2
P1.1
P1.0
NC
P0.4/A4 P0.5/A5 P0.6/A6 P0.7/A7 EA
DIL40
RxD/P3.0 NC TxD/P3.1 INT0/P3.2 INT1/P3.3 T0/P3.4 T1/P3.5
PLCC44
NC ALE PSEN P2.7/A15 P2.6/A14 P2.5/A13
P2.2/A10
P2.3/A11
P2.0/A8
WR/P3.6
P2.1/A9
P01/A1
P02/A2
P11
P14
P13
P12
P10
NC
P03/A3
P00/A0
VCC
P15 P16 P17 RST RxD/P30 NC TxD/P31 INT0/P32 INT1/P33 T0/P34 T1/P35
P04 /A4 P05 /A5 P06 /A6 P07 /A7 EA
PQFP44
NC ALE PSEN P27 /A15 P26 /A14 P25 /A13
WR/P36
RD/P37
P23 /A11
P20 /A8
P21 /A9
P22 /A10
Diagrams are for reference only. Packages sizes are not to scale.
P24 /A12
XTAL2
XTAL1
V SS
NC
P2.4/A12
XTAL2
RD/P3.7
XTAL1
VSS
NC
MATRA MHS Rev. E (14 Jan.97)
3
TSC80C31/80C51
Pin Description
VSS
Circuit ground potential. It also receives the high-order address bits and control signals during program verification in the TSC80C31/80C51. Port 2 can sink or source three LS TTL inputs. It can drive CMOS inputs without external pullups.
VCC
Supply voltage during normal, Idle, and Power Down operation.
Port 3
Port 3 is an 8 bit bi-directional I/O port with internal pullups. Port 3 pins that have 1's written to them are pulled high by the internal pullups, and in that state can be used as inputs. As inputs, Port 3 pins that are externally being pulled low will source current (ILL, on the data sheet) because of the pullups. It also serves the functions of various special features of the TEMIC C51 Family, as listed below.
Port Pin
P3.0 P3.1 P3.2 P3.3 P3.4 P3.5 P3.6 P3.7
Port 0
Port 0 is an 8 bit open drain bi-directional I/O port. Port 0 pins that have 1's written to them float, and in that state can be used as high-impedance inputs. Port 0 is also the multiplexed low-order address and data bus during accesses to external Program and Data Memory. In this application it uses strong internal pullups when emitting 1's. Port 0 also outputs the code bytes during program verification in the TSC80C31/80C51. External pullups are required during program verification. Port 0 can sink eight LS TTL inputs.
Alternate Function
RXD (serial input port) TXD (serial output port) INT0 (external interrupt 0) INT1 (external interrupt 1) TD (Timer 0 external input) T1 (Timer 1 external input) WR (external Data Memory write strobe) RD (external Data Memory read strobe)
Port 1
Port 1 is an 8 bit bi-directional I/O port with internal pullups. Port 1 pins that have 1's written to them are pulled high by the internal pullups, and in that state can be used as inputs. As inputs, Port 1 pins that are externally being pulled low will source current (IIL, on the data sheet) because of the internal pullups. Port 1 also receives the low-order address byte during program verification. In the TSC80C31/80C51, Port 1 can sink or source three LS TTL inputs. It can drive CMOS inputs without external pullups.
Port 3 can sink or source three LS TTL inputs. It can drive CMOS inputs without external pullups.
RST
A high level on this for two machine cycles while the oscillator is running resets the device. An internal pull-down resistor permits Power-On reset using only a capacitor connected to VCC. As soon as the Reset is applied (Vin), PORT 1, 2 and 3 are tied to one. This operation is achieved asynchronously even if the oscillator does not start-up.
Port 2
Port 2 is an 8 bit bi-directional I/O port with internal pullups. Port 2 pins that have 1's written to them are pulled high by the internal pullups, and in that state can be used as inputs. As inputs, Port 2 pins that are externally being pulled low will source current (ILL, on the data sheet) because of the internal pullups. Port 2 emits the high-order address byte during fetches from external Program Memory and during accesses to external Data Memory that use 16 bit addresses (MOVX @DPTR). In this application, it uses strong internal pullups when emitting 1's. During accesses to external Data Memory that use 8 bit addresses (MOVX @Ri), Port 2 emits the contents of the P2 Special Function Register.
ALE
Address Latch Enable output for latching the low byte of the address during accesses to external memory. ALE is activated as though for this purpose at a constant rate of 1/6 the oscillator frequency except during an external data memory access at which time one ALE pulse is skipped. ALE can sink/source 8 LS TTL inputs. It can drive CMOS inputs without an external pullup. If desired, ALE operation can be disabled by setting bit 0 of SFR location AFh (MSCON). With the bit set, ALE is active only during MOVX instruction and external fetches. Otherwise the pin is pulled low. MSCON SFR is set to XXXXXXX0 by reset.
4
MATRA MHS Rev. E (14 Jan.97)
TSC80C31/80C51
PSEN
Program Store Enable output is the read strobe to external Program Memory. PSEN is activated twice each machine cycle during fetches from external Program Memory. (However, when executing out of external Program Memory, two activations of PSEN are skipped during each access to external Data Memory). PSEN is not activated during fetches from internal Program Memory. PSEN can sink or source 8 LS TTL inputs. It can drive CMOS inputs without an external pullup.
XTAL1
Input to the inverting amplifier that forms the oscillator. Receives the external oscillator signal when an external oscillator is used.
XTAL2
Output of the inverting amplifier that forms the oscillator. This pin should be floated when an external oscillator is used.
EA
When EA is held high, the CPU executes out of internal Program Memory (unless the Program Counter exceeds 3 FFFH). When EA is held low, the CPU executes only out of external Program Memory. EA must not be floated.
Idle And Power Down Operation
Figure 3. shows the internal Idle and Power Down clock configuration. As illustrated, Power Down operation stops the oscillator. Idle mode operation allows the interrupt, serial port, and timer blocks to continue to function, while the clock to the CPU is gated off. These special modes are activated by software via the Special Function Register, PCON. Its hardware address is 87H. PCON is not bit addressable. Figure 3. Idle and Power Down Hardware.
- - - GF1 GF0 PD IDL PCON.6 PCON.5 PCON.4 PCON.3 PCON.2 PCON.1 PCON.0
PCON : Power Control Register
(MSB) SMOD - - - GF1 GF0 PD (LSB) IDL
Symbol
SMOD
Position
PCON.7
Name and Function
Double Baud rate bit. When set to a 1, the baud rate is doubled when the serial port is being used in either modes 1, 2 or 3. (Reserved) (Reserved) (Reserved) General-purpose flag bit. General-purpose flag bit. Power Down bit. Setting this bit activates power down operation. Idle mode bit. Setting this bit activates idle mode operation.
If 1's are written to PD and IDL at the same time. PD takes, precedence. The reset value of PCON is (000X0000).
Idle Mode
The instruction that sets PCON.0 is the last instruction executed before the Idle mode is activated. Once in the Idle mode the CPU status is preserved in its entirety : the Stack Pointer, Program Counter, Program Status Word, Accumulator, RAM and all other registers maintain their data during idle. Table 1 describes the status of the external pins during Idle mode. There are three ways to terminate the Idle mode. Activation of any enabled interrupt will cause PCON.0 to be cleared by hardware, terminating Idle mode. The interrupt is serviced, and following RETI, the next instruction to be executed will be the one following the instruction that wrote 1 to PCON.0.
MATRA MHS Rev. E (14 Jan.97)
5
TSC80C31/80C51
The flag bits GF0 and GF1 may be used to determine whether the interrupt was received during normal execution or during the Idle mode. For example, the instruction that writes to PCON.0 can also set or clear one or both flag bits. When Idle mode is terminated by an enabled interrupt, the service routine can examine the status of the flag bits. The second way of terminating the Idle mode is with a hardware reset. Since the oscillator is still running, the hardware reset needs to be active for only 2 machine cycles (24 oscillator periods) to complete the reset operation.
Power Down Mode
The instruction that sets PCON.1 is the last executed prior to entering power down. Once in power down, the oscillator is stopped. The contents of the onchip RAM and the Special Function Register is saved during power down mode. The hardware reset initiates the Special Fucntion Register. In the Power Down mode, VCC may be lowered to mi-nimize circuit power consumption. Care must be taken to ensure the voltage is not reduced until the power down mode is entered, and that the voltage is restored before the hardware reset is applied which freezes the oscillator. Reset should not be released until the oscillator has restarted and stabilized. A hardware reset is the only way of exiting the power down mode. Table 1 describes the status of the external pins while in the power down mode. It should be noted that if the power down mode is activated while in external program memory, the port data that is held in the Special Function Register P2 is restored to Port 2. If the data is a 1, the port pin is held high during the power down mode by the strong pullup, T1, shown in Figure 4.
Table 1. Status of the external pins during idle and power down modes.
MODE
Idle Idle Power Down Power Down
PROGRAM MEMORY
Internal External Internal External
ALE
1 1 0 0
PSEN
1 1 0 0
PORT0
Port Data Floating Port Data Floating
PORT1
Port Data Port Data Port Data Port Data
PORT2
Port Data Address Port Data Port Data
PORT3
Port Data Port Data Port Data Port Data
Stop Clock Mode
Due to static design, the TSC80C31/80C51 clock speed can be reduced until 0 MHz without any data loss in memory or registers. This mode allows step by step utilization, and permits to reduce system power consumption by bringing the clock frequency down to any value. At 0 MHz, the power consumption is the same as in the Power Down Mode. Figure 4. I/O Buffers in the TSC80C31/80C51 (Ports 1, 2, 3).
I/O Ports
The I/O buffers for Ports 1, 2 and 3 are implemented as shown in Figure 4.
6
MATRA MHS Rev. E (14 Jan.97)
TSC80C31/80C51
When the port latch contains a 0, all pFETS in Figure 4. are off while the nFET is turned on. When the port latch makes a 0-to-1 transition, the nFET turns off. The strong pFET, T1, turns on for two oscillator periods, pulling the output high very rapidly. As the output line is drawn high, pFET T3 turns on through the inverter to supply the IOH source current. This inverter and T form a latch which holds the 1 and is supported by T2. When Port 2 is used as an address port, for access to external program of data memory, any address bit that contains a 1 will have his strong pullup turned on for the entire duration of the external memory access. When an I/O pin son Ports 1, 2, or 3 is used as an input, the user should be aware that the external circuit must sink current during the logical 1-to-0 transition. The maximum sink current is specified as ITL under the D.C. Specifications. When the input goes below approximately 2 V, T3 turns off to save ICC current. Note, when returning to a logical 1, T2 is the only internal pullup that is on. This will result in a slow rise time if the user's circuit does not force the input line high.
Oscillator Characteristics
XTAL1 and XTAL2 are the input and output respectively, of an inverting amplifier which is configured for use as an on-chip oscillator, as shown in Figure 5. Either a quartz crystal or ceramic resonator may be used. Figure 5. Crystal Oscillator. To drive the device from an external clock source, XTAL1 should be driven while XTAL2 is left unconnected as shown in Figure 6. There are no requirements on the duty cycle of the external clock signal, since the input to the internal clocking circuitry is through a divide-by-two flip-flop, but minimum and maximum high and low times specified on the Data Sheet must be observed. Figure 6. External Drive Configuration.
TSC80C51 with Secret ROM
TEMIC offers TSC80C31/80C51 with the encrypted secret ROM option to secure the ROM code contained in the TSC80C31/80C51 microcontrollers. The clear reading of the program contained in the ROM is made impossible due to an encryption through several random keys implemented during the manufacturing process. The keys used to do such encryption are selected randomwise and are definitely different from one microcontroller to another. This encryption is activated during the following phases : - Everytime a byte is addressed during a verify of the ROM content, a byte of the encryption array is selected. - MOVC instructions executed from external program memory are disabled when fetching code bytes from internal memory. - EA is sampled and latched on reset, thus all state modification are disabled. For further information please refer to the application note (ANM053) available upon request.
MATRA MHS Rev. E (14 Jan.97)
7
TSC80C31/80C51
TSC80C31/80C51 with Secret TAG
TEMIC offers special 64-bit identifier called "SECRET TAG" on the microcontroller chip. The Secret Tag option is available on both ROMless and masked microcontrollers. The Secret Tag feature allows serialization of each microcontroller for identification of a specific equipment. A unique number per device is implemented in the chip during manufacturing process. The serial number is a 64-bit binary value which is contained and addressable in the Special Function Registers (SFR) area. This Secret Tag option can be read-out by a software routine and thus enables the user to do an individual identity check per device. This routine is implemented inside the microcontroller ROM memory in case of masked version which can be kept secret (and then the value of the Secret Tag also) by using a ROM Encryption. For further information, please refer to the application note (ANM031) available upon request.
8
MATRA MHS Rev. E (14 Jan.97)
TSC80C31/80C51
Electrical Characteristics
Absolute Maximum Ratings*
Ambiant Temperature Under Bias : C = commercial . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0C to 70C I = industrial . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40C to 85C Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . -65C to + 150C Voltage on VCC to VSS . . . . . . . . . . . . . . . . . . . . . . . . -0.5 V to + 7 V Voltage on Any Pin to VSS . . . . . . . . . . . . . . . . . . . -0.5 V to VCC + 0.5 V Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 W** ** This value is based on the maximum allowable die temperature and the thermal resistance of the package
* Notice
Stresses at or above those listed under " Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions may affect device reliability.
DC Parameters
TA = 0C to 70C ; VSS = 0 V ; VCC = 5 V 10 % ; F = 0 to 44 MHz TA = -40C + 85C ; VSS = 0 V ; VCC = 5 V 10 % ; F = 0 to 44 MHz
Symbol
VIL VIH VIH1 VOL Input Low Voltage Input High Voltage (Except XTAL and RST) Input High Voltage (for XTAL and RST) Output Low Voltage (Port 1, 2 and 3) (4)
Parameter
Min
- 0.5 0.2 Vcc + 0.9 0.7 Vcc
Typ (3)
Max
0.2 Vcc - 0.1 Vcc + 0.5 Vcc + 0.5 0.3 0.45 1.0 0.3 0.45 1.0
Unit
V V V V V V V V V V V V V V V
Test Conditions
IOL = 100 A IOL = 1.6 mA (2) IOL = 3.5 mA IOL = 200 A IOL = 3.2 mA (2) IOL = 7.0 mA IOH = - 10 A IOH = - 30 A IOH = - 60 A VCC = 5 V 10 % IOH = - 200 A IOH = - 3.2 mA IOH = - 7.0 mA VCC = 5 V 10 % Vin = 0.45 V 0.45 < Vin < Vcc Vin = 2.0 V Vcc = 2.0 V to 5.5 V (1)
VOL1
Output Low Voltage (Port 0, ALE, PSEN) (4)
VOH
Output High Voltage Port 1, 2, 3
Vcc - 0.3 Vcc - 0.7 Vcc - 1.5
VOH1
Output High Voltage (Port 0, ALE, PSEN)
Vcc - 0.3 Vcc - 0.7 Vcc - 1.5
IIL ILI ITL IPD RRST CIO ICC
Logical 0 Input Current (Ports 1, 2 and 3) Input leakage Current Logical 1 to 0 Transition Current (Ports 1, 2 and 3) Power Down Current RST Pulldown Resistor Capacitance of I/O Buffer Power Supply Current Freq = 1 MHz Icc op Icc idle Freq = 6 MHz Icc op Icc idle Freq 12 MHz Icc op max = 0.9 Freq (MHz) + 5 Icc idle max = 0.3 Freq (MHz) + 1.7 Freq 20 MHz Icc op typ = 0.7 Freq (MHz) Freq 20 MHz Icc op typ = 0.5 Freq (MHz) + 4 Freq 20 MHz Icc idle typ = 0.16 Freq (MHz) + 0.4 Freq 20 MHz Icc idle typ = 0.12 Freq (MHz) + 1.2 0.7 0.5 4.2 1.4 50 5 90
- 50 10 - 650 30 200 10 1.8 1 9 3.5
A A A A KW pF mA mA mA mA mA mA mA mA mA mA
fc = 1 MHz, Ta = 25_C Vcc = 5.5 V
MATRA MHS Rev. E (14 Jan.97)
9
TSC80C31/80C51
Absolute Maximum Ratings*
Ambient Temperature Under Bias : A = Automotive . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40C to +125C Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . -65C to + 150C Voltage on VCC to VSS . . . . . . . . . . . . . . . . . . . . . . . . -0.5 V to + 7 V Voltage on Any Pin to VSS . . . . . . . . . . . . . . . -0.5 V to VCC + 0.5 V Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 W** ** This value is based on the maximum allowable die temperature and the thermal resistance of the package
* Notice
Stresses above those listed under " Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
DC Parameters
TA = -40C + 125C ; VSS = 0 V ; VCC = 5 V 10 % ; F = 0 to 40 MHz
Symbol
VIL VIH VIH1 VOL Input Low Voltage Input High Voltage (Except XTAL and RST) Input High Voltage (for XTAL and RST) Output Low Voltage (Port 1, 2 and 3) (4)
Parameter
Min
- 0.5 0.2 Vcc + 0.9 0.7 Vcc
Typ (3)
Max
0.2 Vcc - 0.1 Vcc + 0.5 Vcc + 0.5 0.3 0.45 1.0 0.3 0.45 1.0
Unit
V V V V V V V V V V V V V V V
Test Conditions
IOL = 100 A IOL = 1.6 mA (2) IOL = 3.5 mA IOL = 200 A IOL = 3.2 mA (2) IOL = 7.0 mA IOH = - 10 A IOH = - 30 A IOH = - 60 A VCC = 5 V 10 % IOH = - 200 A IOH = - 3.2 mA IOH = - 7.0 mA VCC = 5 V 10 % Vin = 0.45 V 0.45 < Vin < Vcc Vin = 2.0 V Vcc = 2.0 V to 5.5 V (1)
VOL1
Output Low Voltage (Port 0, ALE, PSEN) (4)
VOH
Output High Voltage Port 1, 2 and 3
Vcc - 0.3 Vcc - 0.7 Vcc - 1.5
VOH1
Output High Voltage (Port 0, ALE, PSEN)
Vcc - 0.3 Vcc - 0.7 Vcc - 1.5
IIL ILI ITL IPD RRST CIO ICC
Logical 0 Input Current (Ports 1, 2 and 3) Input leakage Current Logical 1 to 0 Transition Current (Ports 1, 2 and 3) Power Down Current RST Pulldown Resistor Capacitance of I/O Buffer Power Supply Current Freq = 1 MHz Icc op Icc idle Freq = 6 MHz Icc op Icc idle Freq 12 MHz Icc op max = 0.9 Freq (MHz) + 5 Icc idle max = 0.3 Freq (MHz) + 1.7 Freq 20 MHz Icc op typ = 0.7 Freq (MHz) Freq 20 MHz Icc op typ = 0.5 Freq (MHz) + 4 Freq 20 MHz Icc idle typ = 0.16 Freq (MHz) + 0.4 Freq 20 MHz Icc idle typ = 0.12 Freq (MHz) + 1.2 0.7 0.5 4.2 1.4 50 5 90
- 75 10 - 750 75 200 10 1.8 1 9 3.5
A A A A KW pF mA mA mA mA mA mA mA mA mA mA
fc = 1 MHz, Ta = 25_C Vcc = 5.5 V
10
MATRA MHS Rev. E (14 Jan.97)
TSC80C31/80C51
Absolute Maximum Ratings*
Ambient Temperature Under Bias : M = Military . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55C to +125C Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . -65C to + 150C Voltage on VCC to VSS . . . . . . . . . . . . . . . . . . . . . . . . -0.5 V to + 7 V Voltage on Any Pin to VSS . . . . . . . . . . . . . . . -0.5 V to VCC + 0.5 V Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 W** ** This value is based on the maximum allowable die temperature and the thermal resistance of the package
* Notice
Stresses at or above those listed under " Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions may affect device reliability.
DC Parameters
TA = -55C + 125C ; Vss = 0 V ; Vcc = 5 V 10 % ; F = 0 to 40 MHz
Symbol
VIL VIH VIH1 VOL VOL1 VOH Input Low Voltage Input High Voltage (Except XTAL and RST) Input High Voltage (for XTAL and RST) Output Low Voltage (Port 1, 2 and 3) (4) Output Low Voltage (Port 0, ALE, PSEN) (4) Output High Voltage (Port 1, 2 and 3) 2.4 0.75 Vcc 0.9 Vcc VOH1 Output High Voltage (Port 0 in External Bus Mode, ALE, PEN) 2.4 0.75 Vcc 0.9 Vcc IIL ILI ITL IPD RRST CIO ICC Logical 0 Input Current (Ports 1, 2 and 3) Input leakage Current Logical 1 to 0 Transition Current (Ports 1, 2 and 3) Power Down Current RST Pulldown Resistor Capacitance of I/O Buffer Power Supply Current Freq = 1 MHz Icc op Icc idle Freq = 6 MHz Icc op Icc idle Freq 12 MHz Icc op max = 0.9 Freq (MHz) + 5 Icc idle max = 0.3 Freq (MHz) + 1.7 Freq 20 MHz Icc op typ = 0.7 Freq (MHz) Freq 20 MHz Icc op typ = 0.5 Freq (MHz) + 4 Freq 20 MHz Icc idle typ = 0.16 Freq (MHz) + 0.4 Freq 20 MHz Icc idle typ = 0.12 Freq (MHz) + 1.2 0.7 0.5 4.2 1.4 50 5 90 - 75 +/- 10 - 750 75 200 10 1.8 1 9 3.5
Parameter
Min
- 0.5 0.2 Vcc + 0.9 0.7 Vcc
Typ (3)
Max
0.2 Vcc - 0.1 Vcc + 0.5 Vcc + 0.5 0.45 0.45
Unit
V V V V V V V V V V V A A A A K pF mA mA mA mA mA mA mA mA mA mA
Test Conditions
IOL = 1.6 mA (2) IOL = 3.2 mA (2) IOH = - 60 A Vcc = 5 V 10 % IOH = - 25 A IOH = - 10 A IOH = - 400 A Vcc = 5 V 10 % IOH = - 150 A IOH = - 40 A Vin = 0.45 V 0.45 < Vin < Vcc Vin = 2.0 V Vcc = 2.0 V to 5.5 V (1)
fc = 1 MHz, Ta = 25_C Vcc = 5.5 V
MATRA MHS Rev. E (14 Jan.97)
11
TSC80C31/80C51
Absolute Maximum Ratings*
Ambient Temperature Under Bias : C = Commercial . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0C to 70C I = Industrial . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40C to 85C Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . -65C to + 150C Voltage on VCC to VSS . . . . . . . . . . . . . . . . . . . . . . . . -0.5 V to + 7 V Voltage on Any Pin to VSS . . . . . . . . . . . . . . . -0.5 V to VCC + 0.5 V Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 W** ** This value is based on the maximum allowable die temperature and the thermal resistance of the package
* Notice
Stresses at or above those listed under " Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions may affect device reliability.
DC Characteristics : Low Power Version
TA = 0C to 70C ; Vcc = 2.7 V to 5.5 V ; Vss = 0 V ; F = 0 to 20 MHz TA = -40C to 85C ; Vcc = 2.7 V to 5.5 V ; F = 0 to 20 MHz
Symbol
VIL VIH VIH2 VIH1 VPD VOL VOL1 VOH VOH1 IIL ILI ITL IPD RRST CIO Input Low Voltage Input High Voltage (Except XTAL and RST) Input High Voltage to RST for Reset Input High Voltage to XTAL1 Power Down Voltage to Vcc in PD Mode Output Low Voltage (Ports 1, 2, 3) (4) Output Low Voltage Port 0, ALE, PSEN (4) Output High Voltage (Port 1, 2 and 3) Output High Voltage (Port 0 in External Bus Mode), ALE, PSEN Logical 0 Input Current Ports 1, 2, 3 Input Leakage Current Logical 1 to 0 Transition Current (Ports 1, 2, 3) Power Down Current RST Pulldown Resistor Capacitance of I/O Buffer 50 5 90 0.9 Vcc 0.9 Vcc - 50 10 - 650 30 200 10
Parameter
Min
- 0.5 0.2 VCC + 0.9 0.7 VCC 0.7 VCC 2.0
Typ (3)
Max
0.2 VCC - 0.1 VCC + 0.5 VCC + 0.5 VCC + 0.5 5.5 0.45 0.45
Unit
V V V V V V V V V A A A A k pF
Test Conditions
IOL = 0.8 mA (2) IOL = 1.6 mA (2) IOH = - 10 A IOH = - 40 A Vin = 0.45 V 0.45 < Vin < VCC Vin = 2.0 V VCC = 2.0 V to 5.5 V (1)
fc = 1 MHz, TA = 25_C
Icc (mA)
Operating (1)
Frequency/Vcc Max 1 MHz 6 MHz 12 MHz 16 MHz 0.8 4 8 10 2.7 V Typ 0.37 2.2 4 5 Max 1 5 10 12 3V Typ 0.42 2.5 4.7 5.8 Max 1.1 6 12 14 3.3 V Typ 0.46 2.7 5.3 6.6 Max 0.4 1.5 2.5 3 2.7 V Typ 0.22 1.2 1.7 1.9 Max 0.5 1.7 3 3.8
Idle (1)
3V Typ 0.24 1.4 2.2 2.5 Max 0.6 2 3.5 4.5 3.3 V Typ 0.27 1.6 2.6 3
Freq > 12MHz (Vcc = 5.5 V)
Icc op max (mA) = 0.9 x Freq (MHz) + 5 Icc Idle max (mA) = 0.3 x Freq (MHz) + 1.7
12
MATRA MHS Rev. E (14 Jan.97)
TSC80C31/80C51
Idle ICC is measured with all output pins disconnected ; XTAL1 driven with TCLCH, TCHCL = 5 ns, VIL = VSS + 0.5 V, VIH = VCC - 0.5 V ; XTAL2 N.C ; Port 0 = VCC ; EA = RST = VSS. Power Down ICC is measured with all output pins disconnected ; EA = PORT 0 = VCC ; XTAL2 N.C. ; RST = VSS. Note 2 : Capacitance loading on Ports 0 and 2 may cause spurious noise pulses to be superimposed on the VOLS of ALE and Ports 1 and 3. The noise is due to external bus capacitance discharging into the Port 0 and Port 2 pins when these pins make 1 to 0 transitions during bus operations. In the worst cases (capacitive loading 100 pF), the noise pulse on the ALE line may exceed 0.45 V with maxi VOL peak 0.6 V. A Schmitt Trigger use is not necessary. Note 3 : Typicals are based on a limited number of samples and are not guaranteed. the values listed are at room temperature and 5V. Note 4 : Under steady state (non-transient)) conditions, IOL must be externally limited as follows : Maximum IOL per port pin : 10 mA Maximum IOL per 8-bit port : Port 0 : 26 mA Ports 1, 2 and 3 : 15 mA Maximum total IOL for all output pins : 71 mA If IOL exceed the test condition, VOL may exceed the related specification. Pins are not guaranteed to sink current greater than the listed test conditions. Figure 7. ICC Test Condition, Idle Mode.
All other pins are disconnected.
Figure 8. ICC Test Condition, Active Mode.
All other pins are disconnected.
Figure 9. ICC Test Condition, Power Down Mode.
All other pins are disconnected.
Figure 10. Clock Signal Waveform for ICC Tests in Active and Idle Modes.
TCLCH = TCHCL = 5 ns.
MATRA MHS Rev. E (14 Jan.97)
13
TSC80C31/80C51
Explanation of the AC Symbol
Each timing symbol has 5 characters. The first character is always a "T" (stands for time). The other characters, depending on their positions, stand for the name of a signal or the logical status of that signal. The following is a list of all the characters and what they stand for.
A : Address. C : Clock. D : Input data. H : Logic level HIGH I : Instruction (program memory contents). L : Logic level LOW, or ALE. P : PSEN.
Example : TAVLL = Time for Address Valid to ALE low. TLLPL = Time for ALE low to PSEN low.
Q : Output data. R : READ signal. T : Time. V : Valid. W : WRITE signal. X : No longer a valid logic level. Z : Float.
AC Parameters
TA= 0 to + 70C ; Vss= 0 V ; Vcc= 5 V 10 % ; F= 0 to 44 MHz TA= 0 to +70C ; Vss= 0 V ; 2.7 V External Program Memory Characteristics (values in ns)
16 MHz SYMBOL
TLHLL TAVLL TLLAX TLLIV TLLPL TPLPH TPLIV TPXIX TPXIZ TPXAV TAVIV TPLAZ
20 MHz
90 30 35
25 MHz
70 20 35
30 MHz
60 15 35
36 MHz
50 10 35
40 MHz
40 9 30
44 MHz
30 7 20
PARAMETER
ALE Pulse Width Address valid to ALE Address Hold After ALE ALE to valid instr in ALE to PSEN PSEN pulse Width PSEN to valid instr in Input instr Hold After PSEN Input instr Float After PSEN PSEN to Address Valid Address to Valid instr in PSEN low to Address Float
min max min max min max min max min max min max min max
110 40 35 185 45 165 125 0 50 55 230 10 50 210 10 0 45 40 170 8 40 130 110 0 35 35 130 6
170 30 100
130 25 80 85 0
100 20 75 65 0 30 30
80 15 65 50 0 25 25 90 5
70 12 54 45 0 20 15 80 5
65
35
10
70 5
External Program Memory Read Cycle
TAVIV
14
MATRA MHS Rev. E (14 Jan.97)
TSC80C31/80C51
External Data Memory Characteristics (values in ns)
16 MHz SYMBOL
TRLRH TWLWH TLLAX TRLDV TRHDX TRHDZ TLLDV TAVDV TLLWL TAVWL TQVWX TQVWH TWHQX TRLAZ TWHLH
20 MHz
270 270 85
25 MHz
210 210 70
30 MHz
180 180 55
36 MHz
120 120 35
40 MHz
100 100 30
44 MHz
80 80 25
PARAMETER
RD pulse Width WR pulse Width Address Hold After ALE RD to Valid data in Data hold after RD Data float after RD ALE to Valid Data In Address to Valid Data IN ALE to WR or RD Address to WR or RD Data valid to WR transition Data Setup to WR transition Data Hold after WR RD low to Address Float RD or WR high to ALE high
min max min max min max min max min max min max min max
340 340 85 240 0 90 435 480 150 180 35 380 40 0 35 90 35 250 135 180 35 325 35 0 60 25 0 90 370 400 170 120 140 30 250 30 0 45 20
210 0
175 0 80 350 300 130 90 115 20 215 20
135 0 70 235 260 115 70 75 15 170 15 0 40 20
110 0 50 170 190 100 60 65 10 160 10 0 40 15
90 0 45 150 180 95 50 55 6 140 6 0 35 13
70
35 130 170 85
0 33
External Data Memory Write Cycle
TAVWL
TQVWX
External Data Memory Read Cycle
MATRA MHS Rev. E (14 Jan.97)
15
TSC80C31/80C51
Serial Port Timing - Shift Register Mode (values in ns)
16 MHz SYMBOL
TXLXL TQVXH TXHQX TXHDX TXHDV
20 MHz
25 MHz
30 MHz
36 MHz
40 MHz
44 MHz
PARAMETER
Serial Port Clock Cycle Time Output Data Setup to Clock Rising Edge Output Data Hold after Clock Rising Edge Input Data Hold after Clock Rising Edge Clock Rising Edge to Input Data Valid
min max min max min max min max min max min max min max
750 563 90 0 563 600 480 90 0 450 480 380 65 0 350 400 300 50 0 300 330 220 45 0 250 250 170 35 0 200 227 140 25 0 160
Shift Register Timing Waveforms
16
MATRA MHS Rev. E (14 Jan.97)
TSC80C31/80C51
External Clock Drive Characteristics (XTAL1)
SYMBOL
FCLCL TCLCL TCHCX TCLCX TCLCH TCHCL
PARAMETER
Oscillator Frequency Oscillator period High Time Low Time Rise Time Fall Time
MIN
MAX
44
UNIT
MHz ns ns ns
22.7 5 5 5 5
ns ns
External Clock Drive Waveforms
AC Testing Input/Output Waveforms
AC inputs during testing are driven at Vcc - 0.5 for a logic "1" and 0.45 V for a logic "0". Timing measurements are made at VIH min for a logic "1" and VIL max for a logic "0".
Float Waveforms
For timing purposes as port pin is no longer floating when a 100 mV change from load voltage occurs and begins to float when a 100 mV change from the loaded VOH/VOL level occurs. Iol/IoH 20 mA.
MATRA MHS Rev. E (14 Jan.97)
17
TSC80C31/80C51
Clock Waveforms
This diagram indicates when signals are clocked internally. The time it takes the signals to propagate to the pins, however, ranges from 25 to 125 ns. This propagation delay is dependent on variables such as temperature and pin loading. Propagation also varies from output to output and component. Typically though (TA = 25C fully loaded) RD and WR propagation delays are approximately 50 ns. The other signals are typically 85 ns. Propagation delays are incorporated in the AC specifications.
18
MATRA MHS Rev. E (14 Jan.97)
TSC80C31/80C51
Ordering Information
TSC 80C51 XXX -20 C B R
Part Number 80C31: External ROM 80C51: 4Kx8 Mask ROM 80C51C: Secret ROM version 80C51T: Secret Tag version
-12: 12 MHz version -16: 16 MHz version -20: 20 MHz version -25: 25 MHz version -30: 30 MHz version -36: 36 MHz version -40: 40 MHz version -44: 44 MHz version -L16: Low Power (VCC: 2.7-5.5V, Freq.: 0-16 MHz) -L20: Low Power (VCC: 2.7-5.5V, Freq.: 0-20 MHz)
Packaging A: PDIL 40 B: PLCC 44 C: PQFP 44 (fp 13.9mm) D: PQFP 44 (fp 12.3mm) E: VQFP 44 (1.4mm) F: TQFP 44 (1mm) G: CDIL 40 (.6) H: LCC 44 I: CQPJ 44 Die form: W: Wafer X: Dice Form Y: Wafer on Ring
Blank: Standard /883: MIL 883 Compliant P883: MIL 883 Compliant with PIND test.
Customer ROM Code (Not used for external ROM Device) TEMIC Semiconductor Microcontroller Product Line Temperature Range C : Commercial 0 to 70C I : Industrial -40 to 85C A : Automotive -40 to 125C M : Military -55 to 125C
Conditioning R : Tape & Reel D : Dry Pack B : Tape & Reel and Dry Pack
Examples : Mask ROM version XXX, PDIL 40, 20 MHz version, Commercial Temperature Range . TSC80C31/80C51XXX-20CA (1) Ceramic of multi-layer packages: contact TEMIC Sales office Product Marking : For PDIL 40, PLCC 44 & QFP 44 Packages
TEMIC Customer P/N Temic P/N (c) Intel 80, 82 YYWW Lot Number
MATRA MHS Rev. E (14 Jan.97)
19


▲Up To Search▲   

 
Price & Availability of MD80C51

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X